PART |
Description |
Maker |
ZM-1758-40 |
The ZM-1758-40 filter is designed to work with systems with requirements to meet Mil-Std-461D or Mil-Std-461E.
|
JMK Inc.
|
854917 |
Std Low-Loss140 MHz Bandpass Filter
|
TriQuint Semiconductor
|
854923 |
Std Low-Loss 140 MHz Bandpass Filter
|
TriQuint Semiconductor
|
854919 |
Std Low-Loss 140 MHz Bandpass Filter
|
TriQuint Semiconductor
|
854916 |
Std Low-Loss 140 MHz Bandpass Filter
|
TriQuint Semiconductor
|
NFA21SL287V1A45B NFA21SL287V1A45L |
4 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0805
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
NFL18SP207X1A3D |
1 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0603, 3 PIN
|
Murata Manufacturing Co., Ltd.
|
SBSPP1000102MXR SBSPP1000152MXB SBSPP1000101MCR SB |
1 FUNCTIONS, 100 V, 1 A, DATA LINE FILTER EIA STD PACKAGE SIZE 1206
|
Syfer Technology, Ltd. SYFER TECHNOLOGY LTD
|
SD1100C..LSERIES 2613 SD1100C04L SD1100C08L SD1100 |
3200V 910A Std. Recovery Diode in a DO-200AB (B-Puk)package 3000V 910A Std. Recovery Diode in a DO-200AB (B-Puk)package 2500V 910A Std. Recovery Diode in a DO-200AB (B-Puk)package 2000V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package 1600V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package 1200V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package 800V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package 400V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package From old datasheet system STANDARD RECOVERY DIODES
|
International Rectifier
|
5962-9466307QYC 5962-9466307QYA 5962-9466306QYA 59 |
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps MIL-STD-1553/ARINC总线控制 RTU通讯 Low-Voltage, SPST, CMOS Analog Switches MIL-STD-1553/ARINC总线控制 RTU通讯 MIL-STD-1553/ARINC Bus Controller/RTU MIL-STD-1553/ARINC总线控制 RTU通讯
|
Intersil, Corp. Intel, Corp. Hamamatsu Photonics K.K.
|
25FR120 25FR120M A25FR120 A25FR120M 25FR100 25FR10 |
100V 25A Std. Recovery Diode in a DO-203AA (DO-4)package From old datasheet system 800V 25A Std. Recovery Diode in a DO-203AA (DO-4)package STANDARDRECOVERYDIODES 400V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 1200V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 标准恢复二极 STANDARD RECOVERY DIODES
|
IRF[International Rectifier] InternationalRectifier
|
16FR120 16FR100 16F60 16F100 16F8 A16FR60M A16F10 |
1200V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 100V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 400V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 800V 16A Std. Recovery Diode in a DO-203AA (DO-4)package STANDARD RECOVERY DIODES
|
IRF[International Rectifier]
|